Part Number Hot Search : 
GP20M DG421CY S2071 UPD68 Z86E64 TIP29C MAZ4036 A03TKLB
Product Description
Full Text Search
 

To Download 1N4002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
1N4001G - 1N4007G
1A 1A GENERAL PURPOSE GPP DIODES
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Average Rectified Current @ Half-Wave Resistive Load 60Hz I O@ T L A AV C
Maximum Forward Peak Surge Current @ 8.3ms Superimposed I FM (Surge) A PK
Maximum Reverse Current @ PRV @ TA=25C I
R
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Package Dimensions
Adc
1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G
50 100 200 400 600 800 1000
1.0
75
30
5.0
1.0
1.1
DO - 41
1.0(25.4) MIN
.205(5.2) .166(4.2)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .107(2.7) DIA .080(2.0)
DO - 41
31A-1/2
LESHAN RADIO COMPANY, LTD.
1N4001G-1N4007G DO-41 1A RATING & CHARACTERISTIC CURVES OF 1A GENERAL DIODES OF DO-41 PACKAGE
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
1.0
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10 TJ =25C
INSTANTANEOUS FORWARD CURRENT,(A)
0.8
0.6
1
0.4 Single Phase Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 100 125 150 175
0.2
0
0.1
AMBIENT TEMPERATURE, (C)
Pulse Width=300s 1% Duty Cycle 0.01 0.6 0.8 1.0 1.2 1.4 1.5
FIG. 3 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT,(A)
INSTANTANEOUS FORWARD VOLTAGE,(V)
40
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
30 10
INSTANTANEOUS FORWARD CURRENT,(A)
20
TJ =100C
10
1.0
0 1 2 4 6 8 10 20 40 NUMBER OF CYCLES AT 60Hz 60 80100
0.1 TJ =25C
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200 100
JUNCTION CAPACITANCE,(pF)
0.01 TJ =25C 0 20 40 60 80 100 120 140
60 40 20 10 6 4
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
2 1 .1 .2 .4 1.0 2 4 10 20 40 100
REVERSE VOLTAGE,(V)
31A-2/2


▲Up To Search▲   

 
Price & Availability of 1N4002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X